Part Number Hot Search : 
TL494 MOBIL ST901 LTC1562I AAMUA 30620 1N7002 2SC2712
Product Description
Full Text Search
 

To Download HYS72V8200GU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.3 V 8M x 64/72-Bit 1 Bank SDRAM Module 3.3 V 16M x 64/72-Bit 2 Bank SDRAM Module 168 pin unbuffered DIMM Modules
HYS 64/72V8200GU HYS 64/72V16220GU
*
168 Pin PC100-compatible unbuffered 8 Byte Dual-In-Line SDRAM Modules for PC main memory applications 1 bank 8M x 64, 8M x 72 and 2 bank 16M x 64, 16M x 72 organization Optimized for byte-write non-parity or ECC applications JEDEC standard Synchronous DRAMs (SDRAM) Fully PC board layout compatible to INTEL's Rev. 1.0 module specification SDRAM Performance -8 -8B 100 6 -10 66 8 Units MHz ns
* * * * *
fCK tAC
*
Clock frequency (max.) Clock access time
100 6
Programmed Latencies Product Speed -8 -8B -10 PC100 PC100 PC66 CL 2 3 2
tRCD
2 2 2
tRP
2 3 2
* *
Single + 3.3 V ( 0.3 V ) power supply Programmable CAS Latency, Burst Length and Wrap Sequence (Sequential & Interleave) Auto Refresh (CBR) and Self Refresh Decoupling capacitors mounted on substrate All inputs, outputs are LVTTL compatible Serial Presence Detect with E2PROM Utilizes 8M x 8 SDRAMs in TSOPII-54 packages 4096 refresh cycles every 64 ms 133.35 mm x 31.75 mm x 4.00 mm card size with gold contact pads
* * * * * * *
Semiconductor Group
1
1998-08-01
HYS 64(72)V8200/16220GU-8/-10 SDRAM Modules
The HYS 64(72)8200 and HYS 64(72)16220 are industry standard 168-pin 8-byte Dual in-line Memory Modules (DIMMs) which are organized as 8M x 64, 8M x 72 in 1 bank and 16M x 64 and 16M x 72 in two banks high speed memory arrays designed with 64M Synchronous DRAMs (SDRAMs) for non-parity and ECC applications. The DIMMs use -8 and -8B speed sort 8M 8 SDRAM devices in TSOP-54 packages to meet the PC100 requirement. Modules which use -10 parts are suitable for PC66 applications only. Decoupling capacitors are mounted on the PC board. The PC board design is according to INTEL's PC SDRAM Rev. 1.0 module specification. The DIMMs have a serial presence detect, implemented with a serial E2PROM using the two pin I2C protocol. The first 128 bytes are utilized by the DIMM manufacturer and the second 128 bytes are available to the end user. All SIEMENS 168-pin DIMMs provide a high performance, flexible 8-byte interface in a 133.35 mm long footprint, with 1.25" ( 31.75 mm) height.
Ordering Information Type HYS 64V8200GU-8 HYS 72V8200GU-8 HYS 64V16220GU-8 HYS 72V16220GU-8 HYS 64V8200GU-8B Ordering Code Package Descriptions Module Height 1.25" 1.25" 1.25" 1.25" 1.25" 1.25" 1.25" 1.25" 1.25" 1.25"
PC100-222-620 L-DIM-168-30 100 MHz 8M x 64 1 bank SDRAM module PC100-222-620 L-DIM-168-30 100 MHz 8M x 72 1 bank SDRAM module PC100-222-620 L-DIM-168-30 100 MHz 16M x 64 2 bank SDRAM module PC100-222-620 L-DIM-168-30 100 MHz 16M x 72 2 bank SDRAM module PC100-323-620 L-DIM-168-30 100 MHz 8M x 64 1 bank SDRAM module
HYS 64V16220GU-8B PC100-323-620 L-DIM-168-30 100 MHz 16M x 64 2 bank SDRAM module HYS 64V8200GU-10 HYS 72V8200GU-10 PC66-222-920 PC66-222-920 L-DIM-168-30 66 MHz 8M x 64 1 bank SDRAM module L-DIM-168-30 66 MHz 8M x 72 1 bank SDRAM module L-DIM-168-30 66 MHz 16M x 64 2 bank SDRAM module L-DIM-168-30 66 MHz 16M x 72 2 bank SDRAM module
HYS 64V16220GU-10 PC66-222-920 HYS 72V16220GU-10 PC66-222-920
Semiconductor Group
2
1998-08-01
HYS 64(72)V8200/16220GU-8/-10 SDRAM Modules
Pin Names A0 - A11 BA0, BA1 DQ0 - DQ63 CB0 - CB7 RAS CAS WE CKE0, CKE1 Address Inputs Bank Selects Data Input/Output Check Bits (x 72 organization only) Row Address Strobe Column Address Strobe Read/Write Input Clock Enable CLK0 - CLK3 DQMB0 DQMB7 CS0 - CS3 Clock Input Data Mask Chip Select Power (+ 3.3 Volt) Ground Clock for Presence Detect Serial Data Out for Presence Detect No Connection
VCC VSS
SCL SDA N.C.
Address Format Part Number 8M x 64 8M x 72 HYS 64V8200GU HYS 72V8200GU Rows 12 12 12 12 Columns Bank Select 9 9 9 9 2 2 2 2 Refresh 4k 4k 4k 4k Period 64 ms 64 ms 64 ms 64 ms Interval 15.6 s 15.6 s 15.6 s 15.6 s
16M x 64 HYS 64V16220GU 16M x 72 HYS 72V16220GU
Semiconductor Group
3
1998-08-01
HYS 64(72)V8200/16220GU-8/-10 SDRAM Modules
Pin Configuration
PIN # 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 Symbol PIN # 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 Symbol PIN # 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 101 102 103 104 105 106 107 108 109 110 111 112 113 114 115 116 117 118 119 120 121 122 123 124 125 126 Symbol PIN # 127 128 129 130 131 132 133 134 135 136 137 138 139 140 141 142 143 144 145 146 147 148 149 150 151 152 153 154 155 156 157 158 159 160 161 162 163 164 165 166 167 168 Symbol
VSS
DQ0 DQ1 DQ2 DQ3
VSS
DU CS2 DQMB2 DQMB3 DU
VSS
DQ32 DQ33 DQ34 DQ35
VSS
CKE0 CS3 DQMB6 DQMB7 NC
VCC
DQ4 DQ5 DQ6 DQ7 DQ8
VCC
DQ36 DQ37 DQ38 DQ39 DQ40
VCC
NC NC NC (CB2) NC (CB3)
VCC
NC NC CB6 CB7
VSS
DQ9 DQ10 DQ11 DQ12 DQ13
VSS
DQ16 DQ17 DQ18 DQ19
VSS
DQ41 DQ42 DQ43 DQ44 DQ45
VSS
DQ48 DQ49 DQ50 DQ51
VCC
DQ20 NC DU CKE1
VCC
DQ52 NC DU NC
VCC
DQ14 DQ15 NC (CB0) NC (CB1)
VCC
DQ46 DQ47 NC (CB4) NC (CB5)
VSS
DQ21 DQ22 DQ23
VSS
DQ53 DQ54 DQ55
VSS
NC NC
VSS
NC NC
VCC
WE DQMB0 DQMB1 CS0 DU
VSS
DQ24 DQ25 DQ26 DQ27
VCC
CAS DQMB4 DQMB5 CS1 RAS
VSS
DQ56 DQ57 DQ58 DQ59
VCC
DQ28 DQ29 DQ30 DQ31
VCC
DQ60 DQ61 DQ62 DQ63
VSS
A0 A2 A4 A6 A8 A10 BA1
VSS
A1 A3 A5 A7 A9 BA0 A11
VSS
CLK2 NC WP SDA SCL
VSS
CLK3 NC SA0 SA1 SA2
VCC VCC
CLK0
VCC
CLK1 NC
VCC
VCC
Note: Pinnames in brackets are for the x72 ECC versions
Semiconductor Group
4
1998-08-01
HYS 64(72)V8200/16220GU-8/-10 SDRAM Modules
WE CS0 DQMB0 DQ(7:0) CS WE DQM DQ0-DQ7 D0 CS WE DQM DQ0-DQ7 D1 CS WE DQM DQ0-DQ7 D8 DQMB4 DQ(39:32) CS WE DQM DQ0-DQ7 D4 CS WE DQM DQ0-DQ7 D5
DQMB1 DQ(15:8)
DQMB5 DQ(47:40)
CB(7:0) CS2 DQMB2 DQ(23:16)
CS WE DQM DQ0-DQ7 D2 CS WE DQM DQ0-DQ7 D3 D0-D7, (D8) D0-D7, (D8) C0-C15, (C16, C17) D0-D7, (D8) D0-D7, (D8) D0-D7, (D8) D0-D7, (D8)
DQMB6 DQ(55:48)
CS WE DQM DQ0-DQ7 D6 CS WE DQM DQ0-DQ7 D7 E 2 PROM (256 word x 8 Bit) SA0 SA1 SA2 SCL SA0 SA1 SA2 SCL SDA WP 47 k
DQMB3 DQ(31:24)
DQMB7 DQ(63:56)
A0-A11, BA0, BA1
VCC VSS
RAS CAS CKE0
Clock Wiring 16 M x 64 CLK0 CLK1 CLK2 CLK3 4 SDRAM + 3.3 pF Termination 4 SDRAM + 3.3 pF Termination 16 M x 72 5 SDRAM Termination 4 SDRAM + 3.3 pF Termination
SPB03958
Note: D8 is only used in the x72 ECC version.
Block Diagram for 8M x 64/72 SDRAM DIMM Modules (HYS 64/72V8200GU)
Semiconductor Group
5
1998-08-01
HYS 64(72)V8200/16220GU-8/-10 SDRAM Modules
CS1 CS0 DQMB0 DQ(7:0) CS DQM DQ0-DQ7 D0 CS DQM DQ0-DQ7 D1 CS DQM DQ0-DQ7 D16 CS3 CS2 DQMB2 DQ(23:16) CS DQM DQ0-DQ7 D2 CS DQM DQ0-DQ7 D3 A0-A11, BA0, BA1 D0-D15, (D16, D17) D0-D15, (D16, D17) C0-C31, (C32...C35) D0-D7, (D8) D0-D15, (D16, D17) D0-D7, (D16) Clock Wiring 16 M x 64 CLK0 CLK1 CLK2 CLK3 4 SDRAM + 3.3 pF 4 SDRAM + 3.3 pF 4 SDRAM + 3.3 pF 4 SDRAM + 3.3 pF 16 M x 72 5 SDRAM 5 SDRAM 4 SDRAM + 3.3 pF 4 SDRAM + 3.3 pF
SPB03769
CS DQM DQ0-DQ7 D8 CS DQM DQ0-DQ7 D9 CS DQM DQ0-DQ7 D17
DQMB4 DQ(39:32)
CS DQM DQ0-DQ7 D4 CS DQM DQ0-DQ7 D5
CS DQM DQ0-DQ7 D12 CS DQM DQ0-DQ7 D13
DQMB1 DQ(15:8)
DQMB5 DQ(47:40)
CB(7:0)
CS DQM DQ0-DQ7 D10 CS DQM DQ0-DQ7 D11
DQMB6 DQ(55:48)
CS DQM DQ0-DQ7 D6 CS DQM DQ0-DQ7 D7
CS DQM DQ0-DQ7 D14 CS DQM DQ0-DQ7 D15
DQMB3 DQ(31:24)
DQMB7 DQ(63:56)
E 2 PROM (256 word x 8 Bit) SA0 SA1 SA2 SCL SA0 SA1 SA2 SCL SDA WP 47 k
VDD VSS
RAS, CAS, WE CKE0
VDD
10 k CKE1 D9-D15, (D17)
Note: D16 & D17 is only used in the x72 ECC version and all resistor values are 10 except otherwise noted.
Block Diagram for 16M x 64/72 SDRAM DIMM Modules (HYS 64/72V1620GU)
Semiconductor Group
6
1998-08-01
HYS 64(72)V8200/16220GU-8/-10 SDRAM Modules
DC Characteristics TA = 0 to 70 C; VSS = 0 V; VDD, VDDQ = 3.3 V 0.3 V Parameter Input high voltage Input low voltage Output high voltage (IOUT = - 2.0 mA) Output low voltage (IOUT = 2.0 mA) Input leakage current, any input (0 V < VIN < 3.6 V, all other inputs = 0 V) Output leakage current (DQ is disabled, 0 V < VOUT < VCC) Symbol min. Limit Values max. 2.0 - 0.5 2.4 - - 40 - 40 Unit V V V V A A
VIH VIL VOH VOL II(L) IO(L)
VCC + 0.3
0.8 - 0.4 40 40
Capacitance TA = 0 to 70 C; VDD = 3.3 V 0.3 V, f = 1 MHz Parameter Symbol max. 8Mx64 Input capacitance CI1 (A0 to A11, BA0, BA1, RAS, CAS, WE) Input capacitance (CS0 - CS3) Input capacitance (CLK0 - CLK3) Input capacitance (CKE0, CKE1) Input capacitance (DQMB0 - DQMB7) Input/Output capacitance (DQ0 - DQ63, CB0 - CB7) Input Capacitance (SCL, SA0 - 2) Input/Output capacitance 45 25 35 35 13 10 8 10 Limit Values max. 8Mx72 55 25 38 38 13 10 8 10 max. 16Mx64 70 25 35 35 20 15 8 10 max. 16Mx72 80 30 38 38 20 15 8 10 pF pF pF pF pF pF pF pF Unit
CI2 CICL CI3 CI4 CIO CSC CSD
Semiconductor Group
7
1998-08-01
HYS 64(72)V8200/16220GU-8/-10 SDRAM Modules
Operating Currents TA = 0 to 70 C, VDD = 3.3 V 0.3 V 1 Recommended Operating Conditions unless otherwise noted Parameter & Test Condition Symb. -8/-8B -10 max. Operating Current ICC1 tRC = tRC(MIN.), tCK = tCK(MIN.) Outputs open Burst length = 4, CL = 3 All banks operated in random access, all banks operated in ping-pong manner to maximize gapless data access Precharged Standby Current in Power Down Mode CS = VIH(MIN.), CKE VIL(MAX.) Precharged Standby Current in Non-power Down Mode CS = VIH(MIN.), CKE VIH(MIN.) No operating current 110 75 mA
1
Unit
Note
tCK = min. tCK = infinity tCK = min. tCK = infinity
CKE
ICC2P ICC2PS ICC2N ICC2NS ICC3N ICC3P ICC4
2 1 35 5 45 8 70
2 1 30 5 40 8 50
mA mA mA
1
1
1
1
VIH(MIN.)
mA mA mA
1
tCK = min., CS = VIH(MIN.),
active state (max. 4 banks) Burst operating current tCK = min., Read command cycling Auto refresh current tCK = min., Auto Refresh command cycling Self refresh current Self Refresh Mode, CKE = 0.2 V
CKE VIL(MAX.)
1
-
1, 2
-
ICC5
130
90
mA
1
standard version ICC6
1
1
mA
1
Semiconductor Group
8
1998-08-01
HYS 64(72)V8200/16220GU-8/-10 SDRAM Modules
AC Characteristics 3, 4 TA = 0 to 70 C; VSS = 0 V; VCC = 3.3 V 0.3 V, tT = 1 ns Parameter Symbol -8 PC100-222 min. Clock and Clock Enable Clock Cycle Time tCK CAS Latency = 3 CAS Latency = 2 System Frequency fCK CAS Latency = 3 CAS Latency = 2 Clock Access Time tAC CAS Latency = 3 CAS Latency = 2 Clock High Pulse Width Clock Low Pulse Width Input Setup Time Input Hold Time CKE Setup Time (Power down mode) CKE Setup Time (Self Refresh Exit) Transition Time (rise and fall) Common Parameters RAS to CAS delay Precharge Time Active Command Period Cycle Time Bank to Bank Delay Time CAS to CAS Delay Time (same bank) 10 10 - - - - 3 3 2 1 2.5 8 1 - - 100 100 6 6 - - - - - - - 10 12 - - - - 3 3 2 1 2.5 10 1 - - 100 83 6 7 - - - - - - - 10 15 - - - - 3.5 3.5 3 1 3 8 1 - - 100 66 8 9 - - - - - - - ns ns MHz MHz ns ns ns ns ns ns ns ns ns
4, 5
Limit Values -8B PC100-323 min. max. -10 PC66 min. max.
Unit
Note
max.
tCH tCL tCS tCH tCKSP tCKSR tT
6 6 7 7 8
9
tRCD tRP tRAS tRC tRRD tCCD
20 20 50 70 16 1
- - 100k - - -
20 30 60 80 20 1
- - 100k - - -
30 30 70 80 20 1
- - 100k - - -
ns ns ns ns ns CLK
Semiconductor Group
9
1998-08-01
HYS 64(72)V8200/16220GU-8/-10 SDRAM Modules
AC Characteristics (cont'd)3, 4 TA = 0 to 70 C; VSS = 0 V; VCC = 3.3 V 0.3 V, tT = 1 ns Parameter Symbol -8 PC100-222 min. Refresh Cycle Refresh Period (4096 cycles) Self Refresh Exit Time Read Cycle Data Out Hold Time max. Limit Values -8B PC100-323 min. max. -10 PC66 min. max. Unit Note
tREF tSREX
- 10
64 -
- 10
64 -
- 10
64 -
ms ns
8
9
tOH
3 0 3 -
- - 8 2
3 0 3 -
- - 10 2
3 0 3 -
- - 10 2
ns ns ns CLK
4
Data Out to Low Impedance tLZ Data Out to High Impedance tHZ DQM Data Out Disable Latency Write Cycle Data input to Precharge (write recovery) Data In to Active/Refresh DQM Write Mask Latency
10
tDQZ
tDPL tDAL tDQW
2 5 0
- - -
2 5 0
- - -
2 5 0
- - -
CLK CLK CLK
Semiconductor Group
10
1998-08-01
HYS 64(72)V8200/16220GU-8/-10 SDRAM Modules
Notes 1. The specified values are valid when addresses are changed no more than once during tCK(MIN.) and when No Operation commands are registered on every rising clock edge during tRC(MIN.). Values are shown per module bank. 2. The specified values are valid when data inputs (DQ's) are stable during tRC(MIN.). 3. All AC characteristics are shown for device level. An initial pause of 100 s is required after power-up, then a Precharge All Banks command must be given followed by 8 Auto Refresh (CBR) cycles before the Mode Register Set Operation can begin. 4. AC timing tests have VIL = 0.4 V and VIH = 2.4 V with the timing referenced to the 1.4 V crossover point. The transition time is measured between VIH and VIL. All AC measurements assume tT = 1 ns with the AC output load circuit show. Specified tAC and tOH parameters are measured with a 50 pF only, without any resistive termination and with a input signal of 1V/ns edge rate between 0.8 V and 2.0 V.
.
t CH
CLOCK 2.4 V 0.4 V
t CL t SETUP
INPUT
tT
t HOLD
1.4 V
t AC t LZ
OUTPUT
t AC t OH
1.4 V
I/O 50 pF
Measurement conditions for tAC and tOH
t HZ
SPT03404
If clock rising time is longer than 1ns, a time (tT/2 - 0.5) ns has to be added to this parameter. Rated at 1.5 V If tT is longen than 1 ns, a time (tT - 1) ns has to be added to this parameter. Any time that the refresh Period has been exceeded, a minimum of two Auto (CBR) Refresh commands must be given to "wake-up" the device. 9. Self Refresh Exit is a synchronous operation and begins on the 2nd positive clock edge after CKE returns high. Self Refresh Exit is not complete until a time period equal to tRC is satisfied once the Self Refresh Exit command is registered. 10.Referenced to the time which the output achieves the open circuit condition, not to output voltage levels.
5. 6. 7. 8.
Semiconductor Group
11
1998-08-01
HYS 64(72)V8200/16220GU-8/-10 SDRAM Modules
A serial presence detect storage device - E2PROM - is assembled onto the module. Information about the module configuration, speed, etc. is written into the E2PROM device during module production using a serial presence detect protocol (I2C synchronous 2-wire bus). SPD-Table for PC100 Modules Byte# Description SPD Entry Value 128 256 SDRAM 12 Hex 8Mx64 8Mx64 8Mx72 16Mx64 16Mx64 16Mx72 -8 -8B -8 -8 -8B -8 80 08 04 0C 80 08 04 0C 80 08 04 0C 80 08 04 0C 80 08 04 0C 80 08 04 0C
0 1 2 3
Number of SPD bytes Total bytes in Serial PD Memory Type Number of Row Addresses (without BS bits) Number of Column Addresses (for 8M x 8 SDRAMs) Number of DIMM Banks Module Data Width Module Data Width (cont'd) Module Interface Levels
4
9
09
09
09
09
09
09
5 6 7 8 9 10
1/2 64/72 0 LVTTL
01 40 00 01 A0 60
01 40 00 01 A0 60
01 48 00 01 A0 60
02 40 00 01 A0 60
02 40 00 01 A0 60
02 48 00 01 A0 60
SDRAM Cycle Time 10.0 ns at CL= 3 SDRAM Access time from Clock at CL = 3 Dimm Config (Error Det/Corr.) Refresh Rate/Type 6.0 ns
11 12
none/ECC
00
00 80
02 80
00 80
00 80
02 80
Self 80 Refresh15. 6 s x8 n/a /x 8 08 00
13 14
SDRAM width, Primary Error Checking SDRAM data width
08 00
08 08
08 00
08 00
08 08
Semiconductor Group
12
1998-08-01
HYS 64(72)V8200/16220GU-8/-10 SDRAM Modules
SPD-Table for PC100 Modules (cont'd) Byte# Description SPD Entry Value Hex 8Mx64 8Mx64 8Mx72 16Mx64 16Mx64 16Mx72 -8 -8B -8 -8 -8B -8 01 01 01 01 01 01
15
Minimum clock delay for back-toback random column address Burst Length supported Number of SDRAM banks Supported CAS Latencies CS Latencies WE Latencies SDRAM DIMM module attributes SDRAM Device Attributes: General Min. Clock Cycle Time at CAS Latency = 2 Max. data access time from Clock for CL = 2 Minimum Clock Cycle Time at CL = 1 Maximum Data Access Time from Clock at CL = 1 Minimum Row Precharge Time Minimum Row Active to Row Active delay tRRD
tCCD = 1
CLK
16 17 18
1, 2, 4, 8 & full page 4 CAS latency = 2&3
8F 04 06
8F 04 06
8F 04 06
8F 04 06
8F 04 06
8F 04 06
19 20 21
CS 01 latency = 0 Write 01 latency = 0 non buffered/ non reg. 00
01 01 00
01 01 00
01 01 00
01 01 00
01 01 00
22 23
VCC tol
10% 10.0/12.0 ns 6.0/7.0 ns
06 A0
06 C0
06 A0
06 A0
06 C0
06 A0
24
60
70
60
60
60
60
25
not supported not supported 20/30 ns 16/20 ns
FF
FF
FF
FF
FF
FF
26
FF
FF
FF
FF
FF
FF
27 28
14 10
1E 14
14 10
14 10
1E 14
14 10
Semiconductor Group
13
1998-08-01
HYS 64(72)V8200/16220GU-8/-10 SDRAM Modules
SPD-Table for PC100 Modules (cont'd) Byte# Description SPD Entry Value 20 ns 45 ns 64 MByte Hex 8Mx64 8Mx64 8Mx72 16Mx64 16Mx64 16Mx72 -8 -8B -8 -8 -8B -8 14 2D 10 20 10 20 10 FF 14 2D 10 20 10 20 10 FF 14 2D 10 20 10 20 10 FF 14 2D 10 20 10 20 10 FF 14 2D 10 20 10 20 10 FF 14 2D 10 20 10 20 10 FF
29 30 31 32 33 34 35
Minimum RAS to CAS delay tRCD Minimum RAS pulse width tRAS Module Bank Density (per bank)
SDRAM input setup 2 ns time SDRAM input hold time SDRAM data input hold time SDRAM data input setup time 1 ns 2 ns 1 ns -
62-61 Superset information (may be used in future) 62 63 64125 SPD Revision Checksum for bytes 0 - 62 Manufacturers information (optional) (FFH if not used) Frequency Specification 100 MHz support details Unused storage locations
Revision 1.2 - -
12 D8 XX
12 16 XX
12 EA XX
12 D9 XX
12 17 XX
12 EB XX
126 127 128+
100 MHz - -
64 AF FF
64 AD FF
64 AF FF
64 FF FF
64 FD FF
64 FF FF
Semiconductor Group
14
1998-08-01
HYS 64(72)V8200/16220GU-8/-10 SDRAM Modules
SPD-Table for PC66 Modules Byte# Description SPD Entry Value Hex 8Mx64 8Mx72 16Mx64 16Mx72 -10 -10 -10 -10 0 1 2 3 4 Number of SPD bytes Total bytes in Serial PD Memory Type Number of Row Addresses (without BS bits) Number of Column Addresses (for x8 SDRAM) Number of DIMM Banks Module Data Width Module Data Width (cont'd) Module Interface Levels SDRAM Cycle Time at CL = 3 SDRAM Access time from Clock at C L= 3 Dimm Config (Error Det/Corr.) Refresh Rate/Type SDRAM width, Primary Error Checking SDRAM data width Minimum clock delay for back-to-back random column address Burst Length supported Number of SDRAM banks Supported CAS Latencies CS Latencies WE Latencies SDRAM DIMM module attributes 128 256 SDRAM 12 9 80 08 04 0C 09 80 08 04 0C 09 80 08 04 0C 09 80 08 04 0C 09
5 6 7 8 9 10 11 12 13 14 15
1/2 64/72 0 LVTTL 10.0 ns 8.0 ns none/ECC Self Refresh 15.6 s x8 n/a/x8
01 40 00 01 A0 80 00 80 08 00 01
01 48 00 01 A0 80 02 80 08 08 01
02 40 00 01 A0 80 00 80 08 00 01
02 48 00 01 A0 80 02 80 08 08 01
tCCD = 1 CLK
16 17 18 19 20 21
1, 2, 4, 8 & full page 4 CAS latency = 2 & 3 CS latency = 0 Write latency = 0 non buffered/ non reg.
8F 04 06 01 01 00
8F 04 06 01 01 00
8F 04 06 01 01 00
8F 04 06 01 01 00
Semiconductor Group
15
1998-08-01
HYS 64(72)V8200/16220GU-8/-10 SDRAM Modules
SPD-Table for PC66 Modules (cont'd) Byte# Description SPD Entry Value Hex 8Mx64 8Mx72 16Mx64 16Mx72 -10 -10 -10 -10 22 23 24 25 26 27 28 29 30 31 32 33 34 35 SDRAM Device Attributes: General Min. Clock Cycle Time at CAS Latency = 2 Max. data access time from Clock for CL= 2 Minimum Clock Cycle Time at CL = 1 Maximum Data Access Time from Clock at CL = 1 Minimum Row Precharge Time Minimum Row Active to Row Active delay tRRD Minimum RAS to CAS delay
VCC tol 10%
15.0 ns 9.0 ns not supported not supported 30 ns 20 ns 30 ns 45 ns 64 MByte 3 ns 1 ns 1 ns
06 F0 90 FF FF 1E 14 1E 2D 10 30 10 30 10 FF
06 F0 90 FF FF 1E 14 1E 2D 10 30 10 30 10 FF 12 C2 XX
06 F0 90 FF FF 1E 14 1E 2D 10 30 10 30 10 FF 12 B1 XX
06 F0 90 FF FF 1E 14 1E 2D 10 30 10 30 10 FF 12 C3 XX
tRCD
Minimum RAS pulse width
tRAS
Module Bank Density (per bank) SDRAM input setup time SDRAM input hold time SDRAM data input setup time
SDRAM data input hold time 3 ns
62-61 Superset information (may be used in future) 62 63 64125 126 127 128+ SPD Revision Checksum for bytes 0 - 62 Manufacturers information (optional) (FFH if not used) Frequency Specification Details Unused storage locations 66 MHz Revision 1.2
12 B0 XX
66 AF FF
66 AF FF
66 FF FF
66 FF FF
Semiconductor Group
16
1998-08-01
HYS 64(72)V8200/16220GU-8/-10 SDRAM Modules
Package Outlines L-DIM-168-30 SDRAM DIMM Module Package
133.35 127.35
4 0.1
4
31.75
*)
3
1 3
10 1.27
11 6.35 42.18
40
41 6.35
84
1.27 0.1
91 x 1.27 = 115.57
3.125
85
94
2 95
124
125
168
17.78
*) R1.27
+0.1
3 min. Detail of Contacts
0.2 0.15 2.54 min.
2.26 *) on ECC modules only
1 0.05 1.27
GLD09159
Sorts of Packing Package outlines for tubes, trays etc. are contained in our Data Book "Package Information". SMD = Surface Mounted Device Semiconductor Group 17
Dimensions in mm 1998-08-01
4.45 8.25


▲Up To Search▲   

 
Price & Availability of HYS72V8200GU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X